PART |
Description |
Maker |
MBM29DL161BE MBM29DL161TE MBM29DL161BE-70 MBM29DL1 |
16M (2MX8/1MX16) BIT Dual Operation FLASH MEMORY 16M (2M x 8/1M x 16) BIT Dual Operation Flash memory CMOS 16M (2M x 8/1 x 16)bit dual operation
|
Fujitsu Microelectronics
|
AM41DL3208GB70I AM41DL3208GB85I AM41DL3208GT30IT A |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
AM41DL1634DB30IT AM41DL1634DB45IS AM41DL1634DB70IS |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AM41DL32X4GB70IS AM41DL32X4GB70IT AM41DL32X4GB85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
AM49PDL640AG70N AM49PDL640AG70NT AM49PDL640AGA70NS |
Simultaneous Operation Flash Memory And 16Mbit (1M X16-Bit) Pseudo Static RAM 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
|
AMD SPANSION[SPANSION]
|
MBM29DL161BE MBM29DL161BE-12 MBM29DL161BE-70 MBM29 |
16M (2MX8/1MX16) BIT DUAL OPERATION 16M (2M X 8/1M X 16) BIT Dual Operation
|
FUJITSU[Fujitsu Media Devices Limited]
|
MBM29DL323BE90PBT MBM29DL323BE90TN MBM29DL323BE90T |
2M X 16 FLASH 2.7V PROM, 120 ns, PBGA63 32M (4M x 8/2M x 16) BIT Dual Operation 2M X 16 FLASH 3V PROM, 80 ns, PBGA63 32M (4M x 8/2M x 16) BIT Dual Operation 2M X 16 FLASH 3V PROM, 120 ns, PBGA63 TVS UNIDIRECT 600W 51V SMB 2M X 16 FLASH 3V PROM, 120 ns, PDSO48 MICRO SINGLE MODE FIBER TRANCEIVER, ST 32M的(4米8/2M × 16)位双操 32M (4M x 8/2M x 16) BIT Dual Operation 2M X 16 FLASH 3V PROM, 120 ns, PDSO48 32M (4M x 8/2M x 16) BIT Dual Operation 32M的(4米8/2M × 16)位双操 KPT 6C 6#20 SKT PLUG 2M X 16 FLASH 3V PROM, 90 ns, PDSO48 16 PORT MODULAR SWITCH ROHS VERSION LE1416A BLANK FACE PLATE 4 PORT 100 MB SINGLE-MODEFIBER XSNT SUPPR,ESD,060.00V,0603 MULTI-WAY IEC PANEL OUTLET 8 PORT MODULAR SWITCH PCI 10BASE T/10 BASE FL NIC, S TVS UNI-DIR 43V 600W SMB
|
Fujitsu, Ltd. Fujitsu Limited http:// Fujitsu Component Limited.
|
A29DL323TV-80 A29DL323UV-80 A29DL323TG-80 A29DL322 |
32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 32兆位米8-Bit/2M x 16位).0伏的CMOS只,同时作业快闪记忆 32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 32兆位4米8-Bit/2M x 16位).0伏的CMOS只,同时作业快闪记忆
|
AMIC Technology Corporation http:// AMIC Technology, Corp.
|
MBM29PDS322BE10PBT MBM29PDS322BE11 MBM29PDS322BE11 |
32M (2M x 16) BIT Page Dual Operation 2M X 16 FLASH 1.8V PROM, 115 ns, PBGA63 32M (2M x 16) BIT Page Dual Operation 32M的(2米16)位页双操作 NEOZED TYPE,400V.10A 2M X 16 FLASH 1.8V PROM, 100 ns, PBGA63 Replaced by TPS2046B : 0.345A, 2.7-5.5V Dual (1In/2Out) Hi-Side MOSFET, Fault Report, Act-Low Enable 8-SOIC -40 to 85
|
Fujitsu Component Limited. Fujitsu, Ltd. FUJITSU LTD
|
AM41DL6408G AM41DL6408G70IS AM41DL6408G70IT AM41DL |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
Advanced Micro Devices
|
UPD432232L |
2M-Bit CMOS Synchronous Fast SRAM 64K x 32-Bit Pipelined Operation
|
NEC Electronics
|
AM29DL322D AM29DL322DB120 AM29DL322DB90 AM29DL322D |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
|
AMD[Advanced Micro Devices]
|